PART |
Description |
Maker |
SPC-03-LR-49TNA SPC-03-LR-53TDA SPC-03-LR-55TDA SP |
FIBER OPTIC TRANSCEIVER, 1485-1498nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1505-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1545-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1465-1478nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1565-1578nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1585-1598nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE
|
SPC Technology
|
B-13-622-TDPM3-SSC4-60 B-15-622-TDPM3-SSC4-60 B-13 |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR 622 Mbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
FWLF1634RL32 FWLF1634RL33 FWLF1634RL26 |
FIBER OPTIC TRANSCEIVER, 1527-1577nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR FIBER OPTIC TRANSCEIVER, 1526-1576nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR FIBER OPTIC TRANSCEIVER, 1532-1582nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR
|
|
B-13-14-1250-T-SSC-G5 B-13-14-1250-T-SSCA-G5 B-13- |
1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
B-13-155-TPM-S B-15-155-TPM-S B-13/15-155-TPM-SMU3 |
155 Mbps Bi-directional Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1261-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR
|
Source Photonics, Inc.
|
B-15-1250-TDPM-SSC-60 B-13-1250-TDPM-SSC-60 B-15-1 |
FIBER OPTIC TRANSCEIVER, 1500-1600nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR ROHS COMPLIANT PACKAGE-20 1.25 Gbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
SCP6EL2-GL-YN-41 SCP69L2-GL-YM-27 SCP69L2-GL-BN-61 |
FIBER OPTIC TRANSCEIVER, 1405-1418nm, 622.08Mbps(Tx), 622.08Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 622.08Mbps(Tx), 622.08Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1605-1618nm, 622.08Mbps(Tx), 622.08Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
Omron Electronics, LLC Mini-Circuits
|
C-15-155-TDFB-SSC12D C-15-155-TDFB3-SSC12D C-15-15 |
155 Mbps DFB Laser Single Mode Transceiver (Ultra-LR) FIBER OPTIC TRANSCEIVER, 1500-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1500-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR
|
Source Photonics, Inc. http://
|
HFBR-53A3VFM HFBR-53A3VEM |
HFBR-53A3VFM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield, Metalized Housing HFBR-53A3VEM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield, Metalized Housing 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
|
Agilent (Hewlett-Packard)
|
SCP69N4-GL-YN-41 SCP6EN4-GL-BN-61 |
FIBER OPTIC TRANSCEIVER, 1405-1418nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1605-1618nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
Omron Electronics, LLC
|
FIP-S-55-1-1-0-0000 FIP-S-55-1-0-0-0000 FIP-S-55-1 |
FIBER OPTIC ISOLATOR, 1530-1570nm FIBER OPTIC ISOLATOR, 1290-1330nm FIBER OPTIC ISOLATOR, 1470-1510nm
|
HIROSE ELECTRIC Co., Ltd.
|
|